Part Number Hot Search : 
02600 T9541ACE 220M25 ABM63C 2J12A LC87F PN3563 MOC3012M
Product Description
Full Text Search
 

To Download TMCMA1A475MTRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TANTALUM ELECTROLYTIC CAPACITORS
TMCM Series
(Miniaturized Tantalum Chip Capacitors with Extended Capacitance Range)
Features * A model type miniaturized chip capacitor developed on the basis of TMCS production technology ideal for high density component mounting applied in AV equipment. * Super compact : Reduced size 1/2 to 1/3 in comparison with TMCS.
Product specifications
Operating temperature range Rated voltage Surge voltage Derated voltage Capacitance Capacitance tolerance
TMCM -55C ~ +125C DC2.5 ~ 35V DC3.2 ~ 45V DC1.6 ~ 22V 0.47 ~ 470F 10% or 20%
Test conditions JIS C5101-3-1998
85C 85C 125C
Product symbol : (Example) TMCM Series A case 7V 10F 20%
TMCM A 0J 106 M T R F
Terminal code Packing polarity code Packing method code (T:carrier tape) Capacitance tolerance code Capacitance code Rated voltage code Case size code
Paragraph 7.8, 120 Hz
Leakage current
Refer to table standard porduct table Paragraph 7.7, in 5 minutes after the rated voltage is applied.
Type of series
Outline of drawings and dimensions
Anode indication belf mark
L
tan
Refer to table standard porduct table Paragraph 7.9, 120Hz
C/C 5% or less Surge withstanding tan Specified initial value or less voltage LC Specified initial value or less
Specified initial value C/C - 0.04 0.08 0.10 0.12 0.16 0.18 LC 0.01CV or 0.5A or less tan -55 -10 ~ 0% 0.09 0.10 0.12 0.14 0.16 0.20 0.34 -- 85 0.07 0.08 0.10 0.12 0.14 0.18 0.20 0.1CV or 125 0.09 0.10 0.12 0.14 0.16 0.20 0.22 0.125CV or
W
Paragraph 7.14
H
0 ~ +10% 0 ~ +12%
E case
a W a
A, B, C case
a
Value shown table 0.06 or less
Temperature characteristics
Paragraph 7.12
Dimensions
Case code A B C E L 3.2 3.5 5.8 7.3
0.2
(Unit : mm)
Case size W0.2 H0.2 1.6 1.6 2.8 1.9 3.2 2.5 2.8 4.30.3
r 0.7 0.8 1.3 1.3
5A or less 6.25A or less
0.3
a 1.2 2.2 2.2 2.4
0.2
C/C 5% or less Solder heat resistance tan LC Specified initial value or less Specified initial value or less C/C 10% or less
Dip A, B case 101 sec. Reflow-260C
2605C C, E case 50.5 sec. 101 sec.
Standard value and case size
2.5 4 Code F 0E 0G 0.47 474 0.68 684 105 1.0 155 1.5 225 2.2 335 3.3 475 4.7 685 6.8 106 10 156 15 A 226 22 A 336 33 A A 476 47 A A 686 68 A,B A,B 107 (A)B,C (A)B,C 100 157 150 B,C B,C 227 220 B,C B,C 337 330 C,E C,E 477 470 E E Capacitance Rated voltage (V.DC) 6.3 (7) 10 16 20 0J 1A 1C 1D 25 1E A A A A,B B B C C C,E E E 35 1V A A A B B B C C C,E E E
Moisture resistance leaving
Paragraph 9.5, 40C 90 ~ 95%RH,500h
tan LC
Specified initial value or less Specified initial value or less
C/C 10% or less High-temperature load tan LC Specified initial value or less 125% Specified initial value or less C/C 10% or less Thermal shock tan LC Specified initial value or less Specified initial value or less
Paragraph 9.10, 85C The rated voltage is applied for 2000 hours. Leave at -55C, normal temperature, 125C, and normal temperature for 30 min., 3 min., 30 min., and 3 min. Repeat this operation 20 times running. 40C, humidity 90 to 95%RH The rated voltage is applied for 500 hours. 85C. The rated voltage is applied (through a protective resistor of 1 /V).
A A A,B B,C B,C C C,E E E
A A A A A,B B B,C B,C C E E (E)
A A A A,B A,B B,C B,C C,E E E
A A A,B B B,C C C,E (C)E E (E)
C/C 10% or less Moisture resistance tan 150% Specified initial value or less load LC 200% Specified initial value or less Failure rate 1% / 1000h
( ): Under Developing
For ratings not covered the table, consult Hitachi AIC.
www..com
www..com
Hitachi AIC Inc.
TANTALUM ELECTROLYTIC CAPACITORS
Standard product tables - TMCM series
Standard product table - TMCM series
Rated voltage Capacitance V. DC F 2.5 33 47 68 100 tan 0.08 0.12 0.18 0.08 (0.18) 0.12 0.08 0.08 0.08 0.08 0.18 0.08 0.08 0.18 0.10 0.10 0.08 0.08 0.08 0.12 0.12 0.08 0.12 0.08 0.18 0.08 0.18 0.12 0.18 0.10 0.10 0.08 0.10 0.12 0.08 0.10 0.08 0.12 0.08 0.10 0.18 0.08 0.10 0.20 0.06 0.06 0.08 0.08 0.12 0.08 0.08 0.10 0.08 0.08 0.10 0.08 Leakage current A 0.8 1.2 1.7 1.7 (5.0) 2.5 2.5 3.8 3.8 3.8 5.5 5.5 5.5 8.3 8.3 11.8 0.6 0.9 1.3 1.9 5.4 2.7 4.0 4.0 6.0 6.0 17.6 8.8 13.2 13.2 18.8 1.5 2.3 5.9 3.3 4.8 4.8 7.0 7.0 10.5 15.4 15.4 23.1 32.9 0.5 0.7 1.0 1.5 4.4 2.2 3.3 4.7 4.7 6.8 10.0 22.0 Case code A A A B (A) B C B C E B C E C E E A A A A A B B C B C B C C E E A A A B B C B C C C E E E A A A A A B B B C C C E Product name TMCMA0E336 TMCMA0E476 TMCMA0E686 TMCMB0E686 TMCMA0E107 TMCMB0E107 TMCMB0E107 TMCMB0E157 TMCMC0E157 TMCME0E157 TMCMB0E227 TMCMC0E227 TMCME0E227 TMCME0E337 TMCME0E337 TMCME0E477 TMCMA0G156 TMCMA0G226 TMCMA0G336 TMCMA0G476 TMCMA0G686 TMCMB0G686 TMCMB0G107 TMCMC0G107 TMCMB0G157 TMCMC0G157 TMCMB0G227 TMCMC0G227 TMCMC0G337 TMCME0G337 TMCME0G477 TMCMA0J226 TMCMA0J336 TMCMA0J476 TMCMB0J476 TMCMB0J686 TMCMC0J686 TMCMB0J107 TMCMC0J107 TMCMC0J157 TMCMC0J227 TMCME0J227 TMCME0J337 TMCME0J477 TMCMA1A475 TMCMA1A685 TMCMA1A106 TMCMA1A156 TMCMA1A226 TMCMB1A226 TMCMB1A336 TMCMB1A476 TMCMC1A476 TMCMC1A686 TMCMC1A107 TMCME1A227 Rated voltage Capacitance V.DC F 16 3.3 4.7 6.8 10 15 22 33 47 68 100 2.2 3.3 4.7 6.8 10 22 25 47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 tan 0.06 0.06 0.06 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.06 0.06 0.06 0.06 0.06 0.08 0.08 0.08 0.08 0.08 0.04 0.04 0.06 0.06 0.06 0.06 0.06 0.08 0.08 0.08 0.08 0.08 0.04 0.04 0.04 0.06 0.06 0.06 0.06 0.06 0.08 0.08 0.08 0.08 Leakage current A 0.5 0.8 1.1 1.6 1.6 2.4 3.5 3.5 5.3 7.5 7.5 10.9 16.0 0.5 0.7 0.9 0.9 1.4 2.0 2.0 4.4 4.4 9.4 0.5 0.5 0.5 0.6 0.8 1.2 1.7 2.5 3.8 3.8 5.5 8.3 0.5 0.5 0.5 0.5 0.8 1.2 1.6 2.4 3.5 3.5 5.3 7.7 Case code A A A A B B B C C C E E E A A A B B B C C E E A A A B B B C C C E E E A A A B B B C C C E E E Product name TMCMA1C335 TMCMA1C475 TMCMA1C685 TMCMA1C106 TMCMB1C106 TMCMB1C156 TMCMB1C226 TMCMC1C226 TMCMC1C336 TMCMC1C476 TMCME1C476 TMCME1C686 TMCME1C107 TMCMA1D225 TMCMA1D335 TMCMA1D475 TMCMB1D475 TMCMB1D685 TMCMB1D106 TMCMC1D106 TMCMC1D226 TMCME1D226 TMCME1D476 TMCMA1E684 TMCMA1E105 TMCMA1E155 TMCMB1E225 TMCMB1E335 TMCMB1E475 TMCMC1E685 TMCMC1E106 TMCMC1E156 TMCME1E156 TMCME1E226 TMCME1E336 TMCMA1V474 TMCMA1V684 TMCMA1V105 TMCMB1V155 TMCMB1V225 TMCMB1V335 TMCMC1V475 TMCMC1V685 TMCMC1V106 TMCME1V106 TMCME1V156 TMCME1V226
150
220 330 4 470 15 22 33 47 68 100 150 220 330 6.3 (7) 470 22 33 47 68 100 150 220 330 470 4.7 6.8 10 15 22 33 47 68 100 220
20
35
10
Lot indication
Month Year 2002 2003 2004 2005 1 N a n A 2 P b p B 3 Q c q C 4 R d r D 5 S e s E 6 T f t F 7 U g u G 8 V h v H 9 W j w J 10 X k x K 11 Y l y L 12 Z m z M
Marking indication TMCM series
Simplified code of rated voltage (G : 4V)
A, B case
GA7A
Anode indication belt mark Lot indication (for manufacturing in January, 2001) Simplified code of nominal capacitance (A7 : 10F)
Anode indication belt mark Simplified code of rated voltage (G : 4V)
GA7A
Lot indication (for manufacturing in January, 2001)
The simplified code is subject to JIS C 5143, paragraph 10 and EIAJ RC-3813, paragraph 7.
Nominal capacitance Volue (15F)
Simplified code of nominal capacitance (A7 : 10F) The simplified code is subject to JIS C 5143, paragraph 10 and EIAJ RC-3813, paragraph 7. Anode indication belt mark Nominal capacitance Volue (15F)
C, E case
15 16A
Anode indication belt mark Lot indication (for manufacturing in January, 2001) Rated voltage (16V)
15 16A
Lot indication (for manufacturing in January, 2001) Rated voltage (16V)
Hitachi AIC Inc.


▲Up To Search▲   

 
Price & Availability of TMCMA1A475MTRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X